|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
EIC6472-4 UPDATED 08/21/2007 6.40-7.20GHz 4-Watt Internally-Matched Power FET FEATURES * * * * * * * 6.40-7.20GHz Bandwidth Input/Output Impedance Matched to 50 Ohms +36.5 dBm Output Power at 1dB Compression 9.5 dB Power Gain at 1dB Compression 36% Power Added Efficiency -46 dBc IM3 at PO = 25.5 dBm SCL 100% Tested for DC, RF, and RTH ELECTRICAL CHARACTERISTICS (Ta = 25C) SYMBOL P1dB G1dB G PAE Id1dB IM3 IDSS VP RTH PARAMETERS/TEST CONDITIONS1 Output Power at 1dB Compression f = 6.40-7.20GHz VDS = 10 V, IDSQ 1100mA Gain at 1dB Compression f = 6.40-7.20GHz VDS = 10 V, IDSQ 1100mA Gain Flatness f = 6.40-7.20GHz VDS = 10 V, IDSQ 1100mA Power Added Efficiency at 1dB Compression VDS = 10 V, IDSQ 1100mA f = 6.40-7.20GHz Drain Current at 1dB Compression f = 6.40-7.20GHz Output 3rd Order Intermodulation Distortion f = 10 MHz 2-Tone Test; Pout = 25.5 dBm S.C.L2 VDS = 10 V, IDSQ 65% IDSS f = 7.20GHz Saturated Drain Current VDS = 3 V, VGS = 0 V Pinch-off Voltage Thermal Resistance 3 Caution! ESD sensitive device. MIN 35.5 8.5 TYP 36.5 9.5 0.6 36 1100 -43 -46 2000 -2.5 5.5 2500 -4.0 6.0 o MAX UNITS dBm dB dB % 1300 mA dBc mA V C/W VDS = 3 V, IDS = 20 mA Note: 1. Tested with 100 Ohm gate resistor. 2. S.C.L. = Single Carrier Level. 3. Overall Rth depends on case mounting. ABSOLUTE MAXIMUM RATING FOR EFE SYMBOLS PARAMETERS ABSOLUTE1 15V -5V 48mA -9.6mA 36dBm 175C -65C to +175C 25W CONTINUOUS2 10V -4V 14.4mA -2.4mA @ 3dB Compression 175C -65C to +175C 25W Vds Vgs Igf Igr Pin Tch Tstg Pt Drain-Source Voltage Gate-Source Voltage Forward Gate Current Reverse Gate Current Input Power Channel Temperature Storage Temperature Total Power Dissipation Note: 1. Exceeding any of the above ratings may result in permanent damage. 2. Exceeding any of the above ratings may reduce MTTF below design goals. Specifications are subject to change without notice. Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085 Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com page 1 of 4 Revised October 2007 EIC6472-4 UPDATED 08/21/2007 6.40-7.20GHz 4-Watt Internally-Matched Power FET PERFORMANCE DATA Typical S-Parameters (T= 25C, 50 system, de-embedded to edge of package) VDS = 10 V, IDSQ 1100mA S11 and S22 0. 6 Swp Max 7.4GHz 2. 0 0.8 1.0 20 S21 and S12 5 .0 S21 and S12 (dB) 10.0 0.2 0.4 0.6 0.8 1.0 2.0 3.0 4.0 5.0 0 -0 .4 .0 S[1,1] EIC6472-4 .6 FREQ (GHz) --- S11 --MAG ANG -1.0 S[2,2] EIC6472-4 -0 -2 Swp Min 6.2GHz -0.8 MAG 6.0 6.2 6.4 6.6 6.8 7.0 7.2 7.4 7.6 7.8 8.0 0.7446 0.6564 0.5197 0.3381 0.1334 0.1434 0.3102 0.4488 0.5418 0.5851 0.6041 -102.56 -122.03 -144.79 -172.19 137.99 8.46 -35.87 -63.26 -88.96 -112.49 -135.73 2.6955 3.0007 3.2845 3.4917 3.545 3.3891 3.1032 2.7841 2.4831 2.1721 1.8779 Specifications are subject to change without notice. Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085 Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com - 5. 0 2 - 0. -1 0.0 -4 .0 -3 .0 0. 4 3. 0 10 4. 0 0 .2 0 10.0 -10 DB(|S[2,1]|) EIC6472-4 DB(|S[1,2]|) EIC6472-4 -20 -30 6.2 6.7 Frequency (GHz) 7.2 7.4 --- S21 --ANG --- S12 --MAG ANG --- S22 --MAG ANG -4.96 -31.42 -59.46 -89.7 -121.42 -152.94 176.54 148.43 120.54 93.7 68.06 0.0623 0.0778 0.091 0.1042 0.1132 0.1165 0.1127 0.1073 0.0965 0.0875 0.0765 -61.34 -87.4 -116.15 -146.01 -176.76 153.37 123.35 94.96 66.98 40.86 17.11 0.4238 0.4753 0.5273 0.5579 0.5493 0.4955 0.4145 0.3577 0.3552 0.4007 0.4693 127.4 93.04 59.7 26.43 -6.3 -38.82 -72.21 -108.03 -148.1 176.95 151.21 page 2 of 4 Revised October 2007 EIC6472-4 UPDATED 08/21/2007 6.40-7.20GHz 4-Watt Internally-Matched Power FET Power De-rating Curve and IM3 Definition Power Dissipation vs. Temperature 30 THIRD-ORDER INTERCEPT POINT IP3 25 Total Power Dissipation (W) Pout [S.C.L.] (dBm) 20 Potentially Unsafe Operating Region IP3 = Pout + IM3/2 f1 or f2 Pout Pin IM3 15 Safe Operating Region 10 IM3 f1 f2 (2f1-f2) f1 f2 (2f2-f1) 5 (2f2 - f1) or (2f1 - f2) 0 0 25 50 75 100 125 Case Temperature (C) 150 175 Pin [S.C.L.] (dBm) Typical Power Data (VDS = 10 V, IDSQ = 1100 mA) 38 37 P-1dB (dBm) Typical IM3 Data (VDS = 10 V, IDSQ 65% IDSS) IM3 vs Output Power -15 -20 -25 -30 -35 -40 -45 -50 -55 -60 -65 19 20 21 22 f1 = 7.20 GHz, f2 = 7.21 GHz P-1dB & G-1dB vs Frequency 13 12 11 10 9 36 35 34 P-1dB (dBm) 33 6.2 6.4 6.6 6.8 Frequency (GHz) IM3 (dBc) G-1dB (dB) G-1dB (dB) 8 7.2 7.4 IM3 (dBc) 23 24 25 26 27 28 29 30 31 32 7.0 Pout [S.C.L.] (dBm) Specifications are subject to change without notice. Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085 Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com page 3 of 4 Revised October 2007 EIC6472-4 UPDATED 08/21/2007 6.40-7.20GHz 4-Watt Internally-Matched Power FET PACKAGES OUTLINE Dimensions in inches, Tolerance + .005 unless otherwise specified EIC6472-4 (Hermetic) EIC6472-4NH (Non-Hermetic) Excelics EIC6472-4 .827.010 .669 .120 MIN .024 .421 Excelics EIC6472-4NH YYWW SN .120 MIN YYWW SN .125 .508.008 .442 .168.010 ALL DIMENSIONS IN INCHES .004 .063 .004 .105.008 ALL DIMENSIONS IN INCHES Caution! ESD sensitive device. Caution! ESD sensitive device. ORDERING INFORMATION Part Number EIC6472-4 EIC6472-4NH Notes: Packages Hermetic Non-Hermetic Grade1 Industrial Industrial fTest (GHz) 6.40-7.20GHz 6.40-7.20GHz P1dB (min) 35.5 35.5 IM3 (min)2 -43 -43 1. Contact factory for military and hi-rel grades. 2. Exact test conditions are specified in "Electrical Characteristics" table. DISCLAIMER EXCELICS SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. EXCELICS DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN. LIFE SUPPORT POLICY EXCELICS SEMICONDUCTOR PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF EXCELICS SEMICONDUCTOR, INC. AS HERE IN: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness Specifications are subject to change without notice. Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085 Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com page 4 of 4 Revised October 2007 |
Price & Availability of EIC6472-4 |